PART |
Description |
Maker |
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
BD80C0AFPS-LBE2 BD90C0AFPS-LB |
Single-Output LDO Regulator 1A Fixed Output LDO Regulators
|
Rohm Rohm Co., Ltd.
|
REC3-123.3SRW_H4 REC3-123.3SRW_H6 REC3-123.3SRWH4 |
3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Replaced by UCC3817 : High Efficiency, High Power Factor Preregulator 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Power Factor Preregualtor 16-TSSOP 0 to 70 Single Output LDO, 3.0A, Adj.(1.22 to 8.5V), Reverse Current Protection, Thermal Shutdown 5-DDPAK/TO-263 0 to 70 Single Output LDO, 500mA, Adj.(15 to 1.25V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
Electronic Theatre Controls, Inc. RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
P6KE200CA P6KE47CA P6KE30CA P6KE56CA P6KE33CA P6KE |
UNI AND BIDIRECTIONAL TYPES/ PEAK PULSEPOWER : 600W From old datasheet system TRANSIL TM UNI AND BIDIRECTIONAL TYPES PEAK PULSEPOWER : 600W UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W Octal Buffers/Drivers with 3-State Outputs 20-SSOP/QSOP -40 to 85 Single Output LDO, 200mA, Fixed(2.85V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 3-V to 5.5-V Multichannel RS-232 1-MBit/s Line Driver/Receiver 28-SOIC -40 to 85 Octal D-Type Registers with 3-State Outputs 20-SOIC -40 to 85 Single Output LDO, 1.0A, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-223 -40 to 125 Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 Single Output LDO, 1.0A, Fixed(5.0V), Low Noise, High PSRR 6-SOT-223 -40 to 125 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
NX8571SC79 NX8571SC61 NX8571SC6087D-BA NX8571SC307 |
Enclosures; External Height:1.58"; External Width:22.91"; Panel Width:19.00"; Enclosure Color:Black; Enclosure Material:Steel Single Output LDO, 150mA, Adj.(1.5 to 5.5V), Fast Transient Response, Power Good(PG) Output 8-MSOP -40 to 125 DIODE ZENER SINGLE 200mW 43Vz 5mA-Izt 0.02 0.05uA-Ir 33 SOD-323 3K/REEL Single Output LDO, 150mA, Fixed(5.0V), Fast Transient Response, SVS 8-MSOP -40 to 125 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 100mA, Fixed(2.7V), Low Quiescent Current, Over Current Limitation 5-SOT-23 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 CONNECTOR ACCESSORY 连接器附 PT06A SERIES (MS3116) STRAIGHT PLUGS, STRAIGHT BODY STYLE, SOLDER TERMINATION, 12 SHELL SIZE, 12-3 INSERT ARRANGEMENT, PLUG GENDER, 3 CONTACTS 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 OSCILLATORS 100PPM -20 70 3.3V 4 24.576MHZ TS HCMOS 5X7MM 4PAD SMD 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 150mA, Fixed(2.8V), Fast Transient Response, SVS 8-MSOP -40 to 125 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 50mA, Adj.(1.2 to 5.5V), Low Quiescent Current 5-SOT-23 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 EMI Filter; Filter Type:Standard; Current Rating:6A; Voltage Rating:250V; Depth:100mm; Height:23.6mm; Series:MB; Weight:190g; Width:47mm RoHS Compliant: Yes 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 150mA, Fixed(3.3V),Fast Transient Response, Power Good(PG) Output 8-MSOP -40 to 125 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 50mA, Fixed(3.3V), Low Quiescent Current 5-SOT-23 -40 to 125 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 150mA, Fixed(1.8V), Fast Transient Response, SVS 8-MSOP -40 to 125 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 RECTIFIER SCHOTTKY SINGLE 1A 15V 5.5A-Ifsm 0.55Vf 0.05A-IR SOD-323 3K/REEL 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 97-3106A24-5P W/ CABLE CLAMP PTCE 4C 4#20 PIN PLUG Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-39 Automotive Catalog Ultralow-Power 100-mA Low-Dropout Linear Regulator 5-SOT-23 -40 to 125 Single Output LDO, 150mA, Fixed(5.0V), Fast Transient Response, Power Good(PG) Output 8-MSOP -40 to 125 Single Output LDO, 100mA, Fixed(5.0V), Low Quiescent Current, Over Current Limitation 5-SOT-23 Single Output LDO, 100mA, Fixed(3.3V), Low Quiescent Current, Over Current Limitation 5-SOT-23 PTSE 14C 8#20,4#16 SKT PLUG SLIDING SHLF,VENT 22x26.5 PTSE 18C 18#20 PIN RECP Single Output LDO, 150mA, Fixed(1.8V), Fast Transient Response, Power Good(PG) Output 8-MSOP -40 to 125 Single Output LDO, 50mA, Fixed(5.0V), Low Quiescent Current 5-SOT-23 Single Output LDO, 50mA, Fixed(3.0V), Low Quiescent Current 5-SOT-23 Single Output LDO, 150mA, Fixed(2.7V), Fast Transient Response, Power Good (PG) Output, SVS 8-MSOP -40 to 125 CONVERTER DC-DC 10W 12V/12V SGL CONVERTER DC-DC 6W 48V/5V SGL Single Output LDO, 150mA, Fixed(1.5V), Fast Transient Response, Power Good(PG) Output 8-MSOP -40 to 125 Single Output LDO, 50mA, Fixed(2.7V), Low Quiescent Current 5-SOT-23 EMI Filter; Filter Type:Standard; Current Rating:10A; Voltage Rating:250V; Depth:107mm; Height:26mm; Series:MB; Weight:220g; Width:47mm RoHS Compliant: Yes Single Output LDO, 50mA, Fixed(2.8V), Low Quiescent Current 5-SOT-23 Single Output LDO, 50mA, Fixed(1.5V), Low Quiescent Current 5-SOT-23 Single Output LDO, 50mA, Fixed(1.8V), Low Quiescent Current 5-SOT-23
|
California Eastern Laboratories, Inc. http:// CEL[California Eastern Labs]
|
BD80C0AFPS BD80C0AFPS10 BD90C0AFPS BD80C0AFPS-E2 |
Standard Fixed Output LDO Regulators 8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO2 ROHS COMPLIANT, TO-252, 3 PIN
|
Rohm IDEC, Corp.
|
MIC39300 MIC39300-1.8BT MIC39300-1.8BU MIC39300-1. |
3A, Low-Voltage Low-Dropout Regulator IC REG LDO 3A 1.8V TO263 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 IC REG LDO 3A 1.8V TO263-5 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 IC REG LDO 3A 2.5V TO263-5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 Linear Voltage Regulator IC; Output Current Max:3A; Package/Case:5-TO-263; Output Voltage:1.8V; Current Rating:3A; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No
|
Micrel Semiconductor, Inc. MICREL INC
|
NCP302LSN20T1 NCP302LSN38T1G NCP303LSN26T1 NCP303L |
Voltage Detector Series with Programmable Delay Voltage Detector Series with Programmable Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Single Output LDO, 150mA, Fixed(1.5V), Low Quiescent Current, Power Good (PG) Output 8-SOIC Single Output LDO, 150mA, Fixed(3.3V), Low Noise, Low Quiescent Current 5-SOT-23 -40 to 125
|
电源管理 ON Semiconductor
|
P4C1257-55LMB P4C1257-55CMB P4C1257-25CMB P4C1257L |
800mA Fixed Output CMOS LDO, -40C to 125C, 3-SOT-223, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 150mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 150mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R x1的SRAM 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R x1的SRAM x1 SRAM x1的SRAM 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-TO-220, TUBE x1的SRAM
|
Pyramid Semiconductor, Corp. Abracon, Corp.
|
NJM2208 NJM2208D |
Single Output LDO, 100mA, Fixed(2.9V), Shutdown, 0.75% Tolerance 5-SOT-23 -40 to 125 TV VIDEO MODULATOR
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
ISL9021IRUWZ-T ISL9021IRUPZ-T ISL9021IRUYZ-T ISL90 |
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R FIXED POSITIVE LDO REGULATOR, PDSO6 FIXED POSITIVE LDO REGULATOR, PBGA4
|
Intersil Corporation http:// Intersil, Corp. Vicor, Corp.
|
NJM2207 NJM2207D NJM2207M NJM2207S |
Single Output LDO, 100mA, Fixed(2.9V), Shutdown, 0.75% Tolerance 5-SOT-23 -40 to 125 VIDEO SUPER IMPOSER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
|